Part Number Hot Search : 
1SS40 BTA64 004000 TBP04G 10N20 AD557 SY69753L T7570
Product Description
Full Text Search
 

To Download U4SB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
UL Bridges
U4SB60
600V 4A
FEATURES *oe Single In-Line Package Thin *oe Recognized UL (UL File No.E142422) *oe High IFSM *oe Applicable to Automatic Insertion APPLICATION
OUTLINE DIMENSIONS
Case : 3S
Case : 3S
(Unit : mm)
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Storage Temperature Tstg -40*150 Operating Junction Temperature Tj 150 V Maximum Reverse Voltage RM 600 Average Rectified ForwardIO 50Hz sine wave, R-load With heatsink Tc=108*Z Current 4 50Hz sine wave, R-load*@Without heatsink Ta=25*Z 2.3 IFSM Peak Surge Forward Current 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25*Z 120 I2 1ms*...t*10ms*@Tj=25*Z t Current Squared Time 60 Dielectric Strength Vdis Terminals to case, AC 1 minute 2 Mounting Torque R i TOR * ecommended torque : 0.5Nm*j 0.8 *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions VF I =2A, Pulse measurement, Rating of per diode Forward Voltage F I V=V , Pulse measurement, Rating of per diode Reverse Current R R RM AEjcjunction to case *@*@With heatsink Thermal Resistance AEjljunction to lead Without heatsink AEjajunction to ambient Without heatsink Unit *Z *Z V A A 2 As kV N m
Ratings Unit Max.1.05 V Max.10 EA Max.5.5 Max.6 *Z/W Max.30
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
U4SBx
Forward Voltage
10
Forward Current IF [A]
Tc=150C [TYP]
Tc=25C [TYP]
1
Pulse measurement per diode
0.1 0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage VF [V]
U4SBx
10
Forward Power Dissipation
Forward Power Dissipation PF [W]
8
SIN
6
4
2
0
0
1
2
3
4
5
Average Rectified Forward Current IO [A]
Tj= 150C Sine wave
U4SBx
7
Derating Curve
Heatsink Tc Tc
Average Rectified Forward Current IO [A]
SIN 6
5
4
3
2
1
0
80
90
100
110
120
130
140
150
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
U4SBx
3.2
Derating Curve
Average Rectified Forward Current IO [A]
2.8 2.4 2 1.6 1.2 0.8 0.4 0 SIN
PCB Glass-epoxy substrate Soldering land 5mm
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
U4SBx
200
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
150
non-repetitive, sine wave, Tj=25C before surge current is applied
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of U4SB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X